Part Number Hot Search : 
ARV241 MA2B182 30M125 P6KE200C LPBA50M 223ML 2N3859A H0013NL
Product Description
Full Text Search
 

To Download SOT-23-6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PACKAGE INFORMATION
PE-SOT-23-6-0611
*
SOT-23-6 (SC-74)
Unit: mm
PACKAGE DIMENSIONS
2.90.2 1.90.2 (0.95) (0.95) +0.2 1.1 -0.1 0.80.1 4
6
5
+0.2 1.6 -0.1
2.80.3
0 to 0.1
1
2
0.2 Min.
+0.1 0.4-0.2
+0.1 0.15 -0.05
TAPING SPECIFICATION
0.30.1 +0.1 1.5 0 4.00.1 2.00.05
1 2.0Max.
2
3 4.00.1
3.3
1.10.1
TR User Direction of Feed
TAPING REEL DIMENSIONS
(1reel=3000pcs)
REUSE REEL (EIAJ-RRM-08Bc)
11.41.0 9.00.3
210.8
0 180 -1.5
20.5
130.2
+1 60 0
3.2
8.00.3
6
5
4
3.50.05
1.750.1
PACKAGE INFORMATION
PE-SOT-23-6-0611
POWER DISSIPATION (SOT-23-6)
This specification is at mounted on board. Power Dissipation (PD) depends on conditions of mounting on board. This specification is based on the measurement at the condition below: Measurement Conditions Standard Land Pattern Environment Board Material Board Dimensions Copper Ratio Through-hole Measurement Result
(Topt=25C,Tjmax=125C)
Mounting on Board (Wind velocity=0m/s) Glass cloth epoxy plactic (Double sided) 40mm x 40mm x 1.6mm Top side : Approx. 50% , Back side : Approx. 50% 0.5mm x 44pcs
Standard Land Pattern Power Dissipation Thermal Resistance
600
Free Air 250mW 400C/W
420mW ja=(125-25C)/0.42W=263C/W
Power Dissipation PD(mW)
500 420 400 300
On Board
40
100 0 0 25 50 75 85 100 Ambient Temperature (C) 125 150
Power Dissipation
40
200
Measurement Board Pattern IC Mount Area Unit : mm
RECOMMENDED LAND PATTERN
0.7 MAX.
1.0
0.95 0.95 1.9
2.4
(Unit: mm)


▲Up To Search▲   

 
Price & Availability of SOT-23-6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X